SS1200 ss1150 ss18~SS1200 0.85v 80 v to 200 v 200 140 200 150 105 150 ss110 ss18 a major ratings and characteristics i f(av) 1.0 a v rrm i fsm 30 a v f t j max. 150 c features low profile package ideal for automated placement ultrafast reverse recovery time low power losses, high efficiency low forward voltage drop high surge capability high temperatrue soldering 260 /10 seconds at terminals component in accordance to rohs 2002/95/1 and weee 2002/96/ec mechanical date case: jedec do-214acmolded plastic body over passivated chip terminals: solder plated, solderable per j-std-002b and jesd22-b102d polarity: laser band denotes cathode end maximum ratings & thermal characteristics & electrical characteristics (ta = 25 c unless otherwise noted) symbol unit maximum repetitive peak reverse voltage v rrm 80 100 v maximum rms voltage v rms 56 70 v maximum dc blocking voltage v dc 80 100 v maximum average forward rectified current i f(av) 1 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum instantaneous forwad voltage at 1.0 v f 0.85 v maximum dc reverse current t a = 25 at rated dc blocking voltage t a = 100 i r 0.5 ma 5 ma voltage rate of change (rated vr) dv/dt 10000 v/s thermal resistance from junction to ambient r ja 88 / w operating junction and storage temperature range t j , t stg ? 65 to +150 http://www.trr-jx.com surface mount schottky rectifiers
|